Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC05-12D05 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FKC05-12D05
Description  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FKC05-12D05 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FKC05-12D05 Datasheet HTML 1Page - Astrodyne Corporation FKC05-12D05 Datasheet HTML 2Page - Astrodyne Corporation FKC05-12D05 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
F K C 0 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
500V Isolation
5 Sided EMI Shielding
DIP Package
Model Number
Output Voltage
Output mAmps
Input Range
SINGLE OUTPUT
FKC05-12S05
5 VDC
1
9-18 VDC
FKC05-24S05
1
18-36 VDC
FKC0-48S05
1
36-75 VDC
FKC05-12S12
12 VDC
470
9-18 VDC
FKC05-24S12
470
18-36 VDC
FKC05-48S12
470
36-75 VDC
FKC05-12S15
15 VDC
400
9-18 VDC
FKC05-24S15
400
18-36 VDC
FKC05-48S15
400
36-75 VDC
DUAL OUTPUT
FKC05-12D05
+/-5 VDC
+/-500
9-18 VDC
FKC05-24D05
+/-500
18-36 VDC
FKC05-48D05
+/-500
36-75 VDC
FKC05-12D12
+/-12 VDC
+/-230
9-18 VDC
FKC05-24D12
+/-230
18-36 VDC
FKC05-48D12
+/-230
36-75 VDC
FKC05-12D15
+/-15 VDC
+/-190
9-18 VDC
FKC05-24D15
+/-190
18-36 VDC
FKC05-48D15
+/-190
36-75 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Similar Part No. - FKC05-12D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC05-12D05 ETC-FKC05-12D05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
Power Mate Technology C...
FKC05-12D05 P-DUKE-FKC05-12D05 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC05-12D05 P-DUKE-FKC05-12D05 Datasheet
453Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
FKC05-12D05 ASTRODYNE-FKC05-12D05 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05-12D05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05_16 Datasheet
388Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05 Datasheet
177Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06 Datasheet
732Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com