Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-24T3312 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FEC40-24T3312
Description  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FEC40-24T3312 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FEC40-24T3312 Datasheet HTML 1Page - Astrodyne Corporation FEC40-24T3312 Datasheet HTML 2Page - Astrodyne Corporation FEC40-24T3312 Datasheet HTML 3Page - Astrodyne Corporation FEC40-24T3312 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
f e c 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTRODYNe.cOM
Model Number Output Voltage Output Amps
Input Range
efficiency
Ripple & Noise
SINGLe OUTPUT
FEC40-24S3P3
3.3 VDC
8
18-36 VDC
50mV Pk-Pk
87%
FEC40-48S3P3
8
36-75 VDC
50mV Pk-Pk
88%
FEC40-24S05
5 VDC
8
18-36 VDC
50mV Pk-Pk
89%
FEC40-48S05
8
36-75 VDC
50mV Pk-Pk
90%
FEC40-24S12
12 VDC
3.33
18-36 VDC
75mV Pk-Pk
88%
FEC40-48S12
3.33
36-75 VDC
75mV Pk-Pk
89%
FEC40-24S15
15 VDC
2.66
18-36 VDC
75mV Pk-Pk
89%
FEC40-48S15
2.66
36-75 VDC
75mV Pk-Pk
89%
DUAL OUTPUT
FEC40-24D3305 3.3 / 5 VDC
4 / 4
18-36 VDC
100mV Pk-Pk
84%
FEC40-48D3305
4 / 4
36-75 VDC
100mV Pk-Pk
85%
TRIPLe OUTPUT
FEC40-24T3312
3.3, +/-12 VDC
6, +/-0.40
18-36 VDC
50 / 75mV Pk-Pk
85%
FEC40-48T3312
6, +/-0.40
36-75 VDC
50 / 75mV Pk-Pk
86%
FEC40-24T3315
3.3, +/-15 VDC
6, +/-0.30
18-36 VDC
50 / 75mV Pk-Pk
85%
FEC40-48T3315
6, +/-0.30
36-75 VDC
50 / 75mV Pk-Pk
86%
FEC40-24T0512
5, +/-12 VDC
6, +/-0.40
18-36 VDC
50 / 75mV Pk-Pk
87%
FEC40-48T0512
6, +/-0.40
36-75 VDC
50 / 75mV Pk-Pk
88%
FEC40-24T0515
5, +/-15 VDC
6, +/-0.30
18-36 VDC
50 / 75mV Pk-Pk
87%
FEC40-48T0515
6, +/-0.30
36-75 VDC
50 / 75mV Pk-Pk
88%
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
L-C Type Input Filter
Unit measures 2.0”W x 2.0”L x 0.4”H
Order On-Line!
astrodyne.com


Similar Part No. - FEC40-24T3312

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC40-24T3312 VOLGEN-FEC40-24T3312 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-24T3312 P-DUKE-FEC40-24T3312 Datasheet
356Kb / 4P
   40 WATTS MAXIMUM OUTPUT POWER
FEC40-24T3312 P-DUKE-FEC40-24T3312 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC40-24T3312 ASTRODYNE-FEC40-24T3312 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FEC40-24T3312

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com