Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFM20 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part No. LFM20
Description  20W Ultraminiature Open Frame Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

LFM20 Datasheet(HTML) 1 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
L F M 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Universal 85-265VAC Input
High Efficiency
Regulated Outputs
3000V Isolation
Single Outputs
UL60950 & EN60950 Approved
Optional 0.156” Spaced Connectors,
or PCB Mount Configuration
Model Number
Output Voltage
Output Amps(max)
Ripple pk-pk
Efficiency
0.156” SPACED CONNECTORS
LFM20-3.3
3.3 VDC
4.4A
50mV
70%
LFM20-5
5 VDC
4.4A
1%
73%
LFM20-9
9 VDC
2.45A
1%
77%
LFM20-12
12 VDC
1.8A
1%
80%
LFM20-15
15VDC
1.4A
1%
80%
LFM20-24
24VDC
0.92A
1%
82%
PCB MOUNT (Pins)
LFM20-3.3P
3.3 VDC
4.4A
50mV
70%
LFM20-5P
5 VDC
4.4A
1%
73%
LFM20-9P
9 VDC
2.45A
1%
77%
LFM20-12P
12 VDC
1.8A
1%
80%
LFM20-15P
15VDC
1.4A
1%
80%
LFM20-24P
24VDC
0.92A
1%
82%
Order On-Line!
astrodyne.com
2.75”W x 1.89”L x 0.91”H


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn