Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21255 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS21255
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21255 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS21255 Datasheet HTML 1Page - Powerex Power Semiconductors PS21255 Datasheet HTML 2Page - Powerex Power Semiconductors PS21255 Datasheet HTML 3Page - Powerex Power Semiconductors PS21255 Datasheet HTML 4Page - Powerex Power Semiconductors PS21255 Datasheet HTML 5Page - Powerex Power Semiconductors PS21255 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS21255-E
Intellimod™ Module
Dual-In-Line Intelligent Power Module
20 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case
Rth(j-c)Q
Each IGBT
2.2
°C/Watt
Rth(j-c)D
Each FWDi
4.5
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module.
0.067
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Value
Units
Supply Voltage
VCC
Applied between P-N Terminals
0
300
400
Volts
Control Supply Voltage
VD
Applied between VP1-VPC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-VUFS,
13.5
15.0
16.5
Volts
VVFB-VVFS, VWFB-VWFS
Control Supply dv/dt
dVD/dt, dVDB/dt
-1
1
V/
µs
Input ON Voltage
VCIN(on)
Applied between UP, VP, WP-VPC
0 ~ 0.65
Volts
Input OFF Voltage
VCIN(off)
Applied between UN, VN, WN-VNC
4.0 ~ 5.5
Volts
PWM Input Frequency
fPWM
TC≤ 100°C, Tj ≤ 125°C—
15
kHz
Arm Shoot-through Blocking Time
tDEAD
For Each Input Signal
2.5
µS


Similar Part No. - PS21255

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21255-EP MITSUBISHI-PS21255-EP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21255

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21865-P POWEREX-PS21865-P Datasheet
327Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21455-E POWEREX-PS21455-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21245-E POWEREX-PS21245-E Datasheet
80Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com