Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-12S33 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # FDC20-12S33
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC20-12S33 Datasheet(HTML) 3 Page - Astrodyne Corporation

  FDC20-12S33 Datasheet HTML 1Page - Astrodyne Corporation FDC20-12S33 Datasheet HTML 2Page - Astrodyne Corporation FDC20-12S33 Datasheet HTML 3Page - Astrodyne Corporation FDC20-12S33 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
f d c 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTROdYNE.cOM
INPUT SPEcIfIcATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Max. Voltage Surge (100mS max) 12 VDC Nominal
36 VDC
24 VDC Nominal
50 VDC
48 VDC Nominal
100 VDC
Input Filter
Pi Type
OUTPUT SPEcIfIcATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-1%
25% - FL (single/dual)
duals: +/-2%
10%-FL (triple)
3.3/5 V:+/-2%, 12/15 V:+/-5%
Line Regulation
(Single/Dual) +/-0.2%
(triple)
3.3/5V:+/-1%, 12/15V:+/-5%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual/Triple) (75 / 100 / 1%) mV Pk-Pk, typ
Voltage Stability
(+/-12,+/-15) +/- 2%, (+/-5%)
Transient Response Recovery
25% Load Step Change
500 microSeconds
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold:
3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPEcIfIcATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
1600VDC
In/Out Capacitance
1000 pF
Isolation Resistance
10000 M Ohms
Efficiency
81%, typ
Switching Frequency
300Khz, Single typ
ENVIRONMENTAL SPEcIfIcATIONS
Oper. Temperature
-25 to +70 DegC(see derate)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
112 DegC *
MTBF
1.93 MHrs
MIL-HDBK-217F TA=25C FL
PHYSIcAL SPEcIfIcATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction/Weight
Encapsulated/1.86oz (52g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - FDC20-12S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-12S33 ASTRODYNE-FDC20-12S33 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-12S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20 ASTRODYNE-FDC20_16 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20_16 Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W_16 Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com