Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESCC-5005 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # ESCC-5005
Description  5W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCC-5005 Datasheet(HTML) 4 Page - Astrodyne Corporation

  ESCC-5005 Datasheet HTML 1Page - Astrodyne Corporation ESCC-5005 Datasheet HTML 2Page - Astrodyne Corporation ESCC-5005 Datasheet HTML 3Page - Astrodyne Corporation ESCC-5005 Datasheet HTML 4Page - Astrodyne Corporation ESCC-5005 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
E C A - 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
0
10
20
30
40
50
60
70
20
40
60
80
100
50
Ambient Temperature, °C
90
70
30
0.12 [5.3]
.XX ± 0.02 [0.508]
.XXX ± 0.01 [0.253]
Tolerance:
Dimensions shown in inch [mm]
0.20 [5.1]
0.040 [1.02] DIA. TYP.
1.77 [45.0]
0.83 [21.0]
2.28 [57.9]
1.85 [47.0]
1.85 [47.00]
Model
Type / Pin#
Single Dual
1
AC HI
AC HI
2
AC LO
AC LO
3
GND
GND
6
+Vout
+Vout
8
No Pin
Out Com
9
-Vout
-Vout


Similar Part No. - ESCC-5005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ESCC-0100 ASTRODYNE-ESCC-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0100DRL ASTRODYNE-ESCC-0100DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101 ASTRODYNE-ESCC-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101DRL ASTRODYNE-ESCC-0101DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0102 ASTRODYNE-ESCC-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Similar Description - ESCC-5005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com