Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21244 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21244
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21244 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21244 Datasheet HTML 1Page - Powerex Power Semiconductors PS21244 Datasheet HTML 2Page - Powerex Power Semiconductors PS21244 Datasheet HTML 3Page - Powerex Power Semiconductors PS21244 Datasheet HTML 4Page - Powerex Power Semiconductors PS21244 Datasheet HTML 5Page - Powerex Power Semiconductors PS21244 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
15 Amperes/600 Volts
PS21244-E
1
Description:
DIP and mini-DIP IPMs are
intelligent power modules that
integrate power devices, drivers,
and protection circuitry in an ultra
compact dual-in-line transfer-mold
package for use in driving small
three phase motors. Use of 4th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
□ Compact Packages
□ Single Power Supply
□ Integrated HVICs
□ Direct Connection to CPU
□ Optimized for 5kHz Operation
Applications:
□ Washing Machines
□ Refrigerators
□ Air Conditioners
□ Small Servo Motors
□ Small Motor Control
Ordering Information:
PS21244-E is a 600V, 15 Ampere
DIP Intelligent Power Module.
Dimensions
Inches
Millimeters
A
3.07
±0.02
79.0
±0.5
B
1.22
±0.02
31.0
±0.5
C
0.32
±0.02
8.0
±0.5
D
2.64
±0.01
67.0
±0.3
E
0.53
±0.01 Dia. 13.4±0.2 Dia.
F
0.84
±0.02
21.4
±0.5
G
1.10
±0.02
28.0
±0.5
H
0.15
±0.01
3.8
±0.2
J
0.11
±0.01
2.8
±0.3
K
0.39
±0.01
10.0
±0.3
L
0.79
±0.01
20.0
±0.3
M
0.50
±0.04
12.8
±1.0
Dimensions
Inches
Millimeters
N
2.98
75.6
P
0.02
±0.01
0.5
±0.2
Q
0.18
±0.01 Dia. 4.5±0.2 Dia.
R
0.08
±0.02
1.9
±0.05
S
0.04
±0.01
1.0
±0.2
T
0.02 Max.
0.5 Max.
U
0.02
±0.02
0.6
±0.5
V
0.07 Max.
1.75 Max.
W
0.03
±0.01
0.8
±0.2
X
0.45
±0.02
11.5
±0.5
Y
0.13 Max.
3.25 Max.
Z
0.03
0.7
Outline Drawing and Circuit Diagram
Z
Z
SIDE
HEATSINK
Y
T
W
V
U
45.0
°
U
T
R
S
Q (2 PLACES)
P
N
M
L
K
K
K
J
86.5
°
X
H
G
F
E
C
D
B
A
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1
6 VP1
5 VP
3 VUFB
2 VP1
26 N
UN
19
24 V
23 U
22 P
21 WN
25 W
20 VN
7 VVFB
9 WP
11 VPC
10 VP1
12 VWFB
1 UP
4 VUFS
8 VVFS
16 CIN
15 VNC
17 CFO
18 FO
13 VWFS
14 VN1
TERMINAL CODE


Similar Part No. - PS21244

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21244-EP MITSUBISHI-PS21244-EP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21244

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21964 POWEREX-PS21964 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS21254-E POWEREX-PS21254-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21444-E POWEREX-PS21444-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21564-P POWEREX-PS21564-P Datasheet
317Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS21454-E POWEREX-PS21454-E Datasheet
85Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com