Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DR-120 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part No. DR-120
Description  120W Single Output Industrial DIN RAIL Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

DR-120 Datasheet(HTML) 2 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
d r - 1 2 0 series
120W Single Output Industrial DIN RAIL Power Supply
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTrOdYNE.COM
File�Name:DR-120-SPEC���2005-09-13
Case�No.�921A
Unit:mm
INPUT�VOLTAGE�(V)�60Hz
Ta=25
Terminal�Pin.�No Assignment�(TB1)
Terminal�Pin.�No Assignment�(TB2)
Pin�No.
Pin�No.
1
1,2
2
3,4
3
Assignment
Assignment
FG
AC/L
AC/N
DC�OUTPUT +V
DC�OUTPUT -V
AMBIENT�TEMPERATURE�(
)
-10
0
10
20
30
45
50
60
20
40
60
80
100
12V,24V
48V
100
200
85
170
160
8
80
180
190
95
90
12
16
20
24
115
230
210
220
110
105
250
240
260
125
120
130
28
32
80
100
150
200
250
300
350
(VERTICAL)
Mechanical�Specification
Output�Derating
Static�Characteristics�(24V)
120W�Single�Output�Industrial�DIN�RAIL Power�Supply
D R - 1 2 0 series
ADMISSIBLE�DIN-RAIL:TS35/7.5�OR TS35/15
2
1
3
TB2
TB1
4
2
1
3
LED
+V ADJ.
125.2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn