Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DR-30 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part No. DR-30
Description  30W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

DR-30 Datasheet(HTML) 2 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
d r - 3 0 series
30W Single Output Industrial DIN Rail Power Supply
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTrOdYNE.COM
Block�Diagram
Output�Derating
Mechanical�Specification
File�Name:DR-30-SPEC���2005-09-13
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
AMBIENT�TEMPERATURE�(
)
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
2
1
5,6
3,4
7
8
Assignment
Assignment
+V
AC/N
AC/L
-V
LED
+V ADJ.
ADMISSIBLE�DIN-RAIL:TS35/7.5�OR TS35/15
93
6
5
3
4
2
1
7
8
45
68
46.5
46.5
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
Output�Derating�VS�Input�Voltage
INPUT�VOLTAGE�(VAC)�60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Case�No.�918B���Unit:mm
30W�Single�Output�Industrial�DIN�Rail�Power�Supply
D R - 3 0 series


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn