Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DR1P5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part No. DR1P5
Description  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DR1P5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  DR1P5 Datasheet HTML 1Page - Astrodyne Corporation DR1P5 Datasheet HTML 2Page - Astrodyne Corporation DR1P5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
D R 1 P 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
5 VDC Nominal
4.5-5.5 VDC
12 VDC Nominal
10.8-13.2 VDC
24 VDC Nominal
21.6-26.4 VDC
Input Filter
PI Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation 20% to FL
D05
+/-1.5%
All Others
+/- 0.5%
Cross Regulation
Asymmetrical Load 25/100%
+/-5%
Line Regulation
+/- 0.3%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
50mV Pk-Pk, typ
Voltage Accuracy
+/- 4%, max
Short Circuit Protection
Short Term
GENERAL SPECIFICATIONS
Input-Out Isolation
500VDC
In/Out Capacitance
30 pF
Efficiency
52%, typ
Switching Frequency
20Khz
Isolation Resistance
10000 M Ohms
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Relative Humidity
5 to 95%, RH
Storage Temperature
-55 to +105 DegC *
Maximum Case Temp
100 DegC *
Thermal Impedance
20DegC/Watt
Thermal Shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30 Minutes
along X, Y, and Z
MTBF
5.53 MHrs
BELLCORE TR NWT 000332
Case1: 50% Stress,
Temp at 40DegC, Ground Fixed
and controlled environment
EMC
Conducted Emissions EN55022 Class A
Radiated Emissions
EN55022 Class A
ESD
EN61000-4-2 Criteria B
Radiated Immunity
EN61000-4-3 Criteria A
Fast Transient
EN61000-4-4 Criteria B
Surge
EN61000-4-5 Criteria B
Conducted Immunity
EN61000-4-6 Criteria A
PHYSICAL SPECIFICATIONS
Dimensions
1.25x0.80x0.40”
Case Material
Nickel-Coated Copper
with Non-Conductive Base
Potting Material
Epoxy (UL-94-V0)
Construction
Fully Encapsulated
Weight
DIP
15.6g (0.55 oz)
SMD
18g (0.62 oz)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
OUTPUT DERATING CURVE
DR1P5-24S05 Derating Curve
50 60 70 80 90 100
-40
0
-25
0
-10
Nature convection
100
75
50
25
AMBIENT TEMPERATURE (ºC)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn