Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DR1P5 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part No. DR1P5
Description  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DR1P5 Datasheet(HTML) 1 Page - Astrodyne Corporation

  DR1P5 Datasheet HTML 1Page - Astrodyne Corporation DR1P5 Datasheet HTML 2Page - Astrodyne Corporation DR1P5 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
D R 1 P 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Low Ripple and Noise
PI Input Filter
Regulated Outputs
500V Isolation
5 Sided EMI Shielding
Standard 24 Pin DIP & SMD Packages
Model Number
Output Voltage Output mAmps Input Range
Input Current Efficiency
Max. Capacitive Load
SINGLE OUTPUT
DR1P5-05S05(SMD)
5 VDC
300
4.5-5.5 VDC
600mA
54%
470uF
DR1P5-12S05(SMD)
300
10.8-13.2 VDC
245mA
55%
470uF
DR1P5-24S05(SMD)
300
21.6-26.4 VDC
125mA
54%
470uF
DR1P5-05S12(SMD)
12 VDC
125
4.5-5.5 VDC
625mA
52%
330uF
DR1P5-12S12(SMD)
125
10.8-13.2 VDC
260mA
52%
330uF
DR1P5-24S12(SMD)
125
21.6-26.4 VDC
130mA
52%
330uF
DR1P5-05S15(SMD)
15 VDC
100
4.5-5.5 VDC
588mA
55%
330uF
DR1P5-12S15(SMD)
100
10.8-13.2 VDC
245mA
55%
330uF
DR1P5-24S15(SMD)
100
21.6-26.4 VDC
123mA
55%
330uF
DUAL OUTPUT
DR1P5-05D05(SMD)
+/-5 VDC
+/-150
4.5-5.5 VDC
682mA
48%
330uF
DR1P5-12D05(SMD)
+/-150
10.8-13.2 VDC
278mA
49%
330uF
DR1P5-24D05(SMD)
+/-150
21.6-26.4 VDC
142mA
48%
330uF
DR1P5-05D12(SMD)
+/-12 VDC
+/-60
4.5-5.5 VDC
632mA
51%
110uF
DR1P5-12D12(SMD)
+/-60
10.8-13.2 VDC
255mA
51%
110uF
DR1P5-24D12(SMD)
+/-60
21.6-26.4 VDC
128mA
51%
110uF
DR1P5-05D15(SMD)
+/-15 VDC
+/-50
4.5-5.5 VDC
600mA
54%
110uF
DR1P5-12D15(SMD)
+/-50
10.8-13.2 VDC
250mA
54%
110UF
DR1P5-24D15(SMD)
+/-50
21.6-26.4 VDC
125mA
54%
110UF
Note - (SMD) Denotes that these products are available in a Surface Mount Technology Package. (Please see page 3) To order a DR1P5 product with the optional
Surfae Mount Package, simply add ”SMD” to the end of the standard Part Number. For example DR1P5-05S05SMD.
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn