Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7259F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA7259F
Description  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA7259F Datasheet HTML 1Page - Toshiba Semiconductor TA7259F Datasheet HTML 2Page - Toshiba Semiconductor TA7259F Datasheet HTML 3Page - Toshiba Semiconductor TA7259F Datasheet HTML 4Page - Toshiba Semiconductor TA7259F Datasheet HTML 5Page - Toshiba Semiconductor TA7259F Datasheet HTML 6Page - Toshiba Semiconductor TA7259F Datasheet HTML 7Page - Toshiba Semiconductor TA7259F Datasheet HTML 8Page - Toshiba Semiconductor TA7259F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TA7259P/F/FG
2006-4-14
2
BLOCK DIAGRAM
PIN FUNCTION
PIN No.
P TYPE
F/FG TYPE
SYMBOL
FUNCTION DESCRIPTION
1
1
Hb +
b−phase Hall Amp. positive input terminal
2
2
Hb
b−phase Hall Amp. negative input terminal
3
3
Hc +
c−phase Hall Amp. positive input terminal
4
5
H −
c−phase Hall Amp. negative input terminal
5
10
RF
Output current detection terminal
6
6
Lc
c−phase drive output terminal
7
11
Lb
b−phase drive output terminal
8
12
VCC
Power supply input terminal
9
13
La
a−phase drive output terminal
10
15
FRS
Forward / Reverse / Stop switch terminal
11
16
VIN
Control Amp, negative input terminal
12
18
VIN +
Control Amp, positive input terminal
13
19
Ha +
a−phase Hall Amp. positive input terminal
14
20
Ha
a−phase Hall Amp. negative input terminal
Fin
Fin
GND
GND Terminal
F/FG type: NO. 4, 7, 8, 9, 14, 17 pins are no connection.
TA7259P/TA7259F/FG
Control input
CW/CCW switch
Position sensing input


Similar Part No. - TA7259F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259F TOSHIBA-TA7259F Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

Similar Description - TA7259F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com