Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM-0101 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASM-0101
Description  10W Ultraminiature Medical Grade Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM-0101 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASM-0101 Datasheet HTML 1Page - Astrodyne Corporation ASM-0101 Datasheet HTML 2Page - Astrodyne Corporation ASM-0101 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 0 series
300 myles standish Blvd., Taunton, ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COm
mECHaNICaL DImENsIONs
J1 (aC Input)
Pin 1
AC Neutral
Pin 3
AC Line
J2 (DC Output)
Pin 1
+Vout
Pin 3
Return
NOTE:
For Class II operation (no earth
Gnd), insulating type hardware must
be used at this mounting hole
10 Watt
2.0
2.28
0.68
0.12” Dia. Mtg Holes (4 plcs)
0.1
0.1


Similar Part No. - ASM-0101

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM-0101 ASTRODYNE-ASM-0101 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results

Similar Description - ASM-0101

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com