Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA4015FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA4015FE
Description  Use for Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4015FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4015FE_07 Datasheet HTML 1Page - Toshiba Semiconductor TA4015FE_07 Datasheet HTML 2Page - Toshiba Semiconductor TA4015FE_07 Datasheet HTML 3Page - Toshiba Semiconductor TA4015FE_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TA4015FE
2007-11-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4015FE
TA4015FE Use for Crystal Oscillators
Features
• Bias resistors, a transistor for oscillation and a transistor for
buffer are packed in one package; hence, TA4015FT can easily
compose a crystal oscillator.
• TA4015FE comes with a 6-pin thin ultra-compact package
and is suitable for super-high density mounting.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
6
V
Circuit current
ICC
9
mA
Total power dissipation
PD
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Circuit current
ICC
VCC = 3.0 V
1.10
1.32
1.52
mA
Oscillator base voltage
VOSCB
VCC = 3.0 V
1.65
1.71
1.79
V
Oscillator emitter voltage
VOSCE
VCC = 3.0 V
0.92
0.99
1.06
V
Buffer base voltage
VBuffB
VCC = 3.0 V
2.20
2.28
2.36
V
Fout voltage
VFout
VCC = 3.0 V
1.95
2.02
2.10
V
Characteristics
Symbol
Typ.
Unit
R1 resistance
R1
7.5
k
Ω
R2 resistance
R2
6.8
k
Ω
R3 resistance
R3
24
k
Ω
R4 resistance
R4
820
Ω
R5 resistance
R5
820
Ω
Weight: 0.003 g (typ.)


Similar Part No. - TA4015FE_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4015FE TOSHIBA-TA4015FE Datasheet
51Kb / 4P
   TA4015FE Use for Crystal Oscillators
More results

Similar Description - TA4015FE_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE_07 Datasheet
125Kb / 4P
   Use for Crystal Oscillators
TA4015FE TOSHIBA-TA4015FE Datasheet
51Kb / 4P
   TA4015FE Use for Crystal Oscillators
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com