Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA4011FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA4011FU
Description  UHF Wide Band Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4011FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4011FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TA4011FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TA4011FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TA4011FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TA4011FU_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TA4011FU
2007-11-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4011FU
UHF Wide Band Amplifier Applications
Features
Low current: ICC = 3.5 mA
Wide band: f = 2.4 GHz (3dB down)
Operatin supply voltage: VCC = 1.5~3 V
Pin Assignment
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage 1
VCC1
3.2
V
Supply voltage 2
VCC2 (Note 1)
4
V
Total power dissipation
PD (Nore 2)
300
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: When VCC is operated at less than 1/4 duty cycle.
Note 2: When mounted on the glass epoxy of 2.5 cm
2
× 1.6 t
Caution
This device electrostatic sensitivity. Please handle with caution.
Weight: 0.006 g (typ.)


Similar Part No. - TA4011FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4011FU TOSHIBA-TA4011FU Datasheet
105Kb / 4P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
More results

Similar Description - TA4011FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4011F TOSHIBA-TA4011F Datasheet
173Kb / 6P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4011FU TOSHIBA-TA4011FU Datasheet
105Kb / 4P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4012FU TOSHIBA-TA4012FU Datasheet
105Kb / 4P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4013F TOSHIBA-TA4013F Datasheet
174Kb / 6P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4016AFE TOSHIBA-TA4016AFE Datasheet
219Kb / 6P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4013FU TOSHIBA-TA4013FU Datasheet
105Kb / 4P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4011AFE TOSHIBA-TA4011AFE_07 Datasheet
115Kb / 4P
   UHF Wide Band Amplifier Applications
TA4012AFE TOSHIBA-TA4012AFE_07 Datasheet
115Kb / 4P
   UHF Wide Band Amplifier Applications
TA4019F TOSHIBA-TA4019F_07 Datasheet
467Kb / 7P
   UHF Wide Band Amplifier Applications
TA4012F TOSHIBA-TA4012F Datasheet
174Kb / 6P
   UHF WIDE BAND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com