Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASD05 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part No. ASD05
Description  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD05 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASD05 Datasheet HTML 1Page - Astrodyne Corporation ASD05 Datasheet HTML 2Page - Astrodyne Corporation ASD05 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
a s d 0 5 series
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTROdYNE.COM
Wide 4 : 1 Input Range
High Efficiency
Regulated Outputs
1500V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output amps
Input Range
sINGLE OUTPUT
ASD05-12S3
3.3 VDC
1.5
9-36VDC
ASD05-48S3
1.5
18-75VDC
ASD05-12S5
5 VDC
1
9-36VDC
ASD05-48S5
1
18-75VDC
ASD05-12S9
9 VDC
0.55
9-36VDC
ASD05-48S9
0.55
18-75VDC
ASD05-12S12
12 VDC
0.42
9-36VDC
ASD05-48S12
0.42
18-75VDC
ASD05-12S15
15 VDC
0.33
9-36VDC
ASD05-48S15
0.33
18-75VDC
dUaL OUTPUT
ASD05-12D5
+/-5 VDC
+/-0.5
9-36VDC
ASD05-48D5
+/-0.5
18-75VDC
ASD05-12D12
+/-12 VDC
+/-0.21
9-36VDC
ASD05-48D12
+/-0.21
18-75VDC
ASD05-12D15
+/-15 VDC
+/-0.17
9-36VDC
ASD05-48D15
+/-0.17
18-75VDC
Unit measures 1”W x 2”L x 0.25”H
Order On-Line!
astrodyne.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VKC03 Isolated and Regulated 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SU20 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
ASD03 Isolated and Regulated 3 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD15 Isolated and Regulated 15 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SB08 Isolated and Regulated 8 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
FDC20-12S33 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  4  List of Unclassifed Manufacturers
ASD10H Isolated and Regulated 10 WATT Open Frame DC/DC Converter 1  2  3  List of Unclassifed Manufacturers
ASD05H Isolated and Regulated 5 WATT Open Frame DC/DC Converter 1  2  3  List of Unclassifed Manufacturers
DCR01_07 Miniature 1W Isolated REGULATED DC/DC CONVERTERS 1  2  3  4  5  More Burr-Brown (TI)
DCR02_07 Miniature 2W Isolated REGULATED DC/DC CONVERTERS 1  2  3  4  5  More Burr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn