Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1383AFG Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TA1383AFG
Description  NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1383AFG Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TA1383AFG Datasheet HTML 33Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 34Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 35Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 36Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 37Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 38Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 39Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 40Page - Toshiba Semiconductor TA1383AFG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
TA1383AFG
2005-09-05
37
SW Mode
Note No.
Characteristic
SW2
SW4
SW9
SW30
Test Method
SY11
AFC phase detection current
C
C
OPEN
C
(1)
Set SA 00H to C0H and SA 02H to A0H.
(2)
Set SW9 to open and measure #9 voltage V9 (6.3 to 6.4 V) (measure #9 voltage at no load).
(3)
Connect external power supply (PS) to TP9 and apply V9.
(4)
Set SW30 to A. Input 15.734-kHz sync signal d to D-SYNC1/Y3 IN. Monitor #9. Measure voltages V1 and
V2.
(5)
Set SA 02H data to C0H. Repeat steps (2) to (4) above. Measure voltages V3 and V4.
(6)
Set SA 02H data to 80H. Connect external power supply (PS) to TP9 and apply V9
− 0.1 V and measure
voltage V5.
(7)
Connect external power supply (PS) to TP9 and apply V9
+ 0.1 V and measure voltage V6.
(8)
Determine ID1 to ID6 using following equations.
ID1
+ = (V1 [V] ÷ 1 [kΩ]) × 1000 [µA]
ID1
− = (V2 [V] ÷ 1 [kΩ]) × 1000 [µA]
ID2
+ = (V3 [V] ÷ 1 [kΩ]) × 1000 [µA]
ID2
− = (V4 [V] ÷ 1 [kΩ]) × 1000 [µA]
ID3
+ = (V5 [V] ÷ 1 [kΩ]) × 1000 [µA]
ID3
− = (V6 [V] ÷ 1 [kΩ]) × 1000 [µA]
Signal d
#9 Pin Waveform
63.5
µs
4.7
µs
V1, V3, V5
V2, V4, V6
0.286 V


Similar Part No. - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Similar Description - TA1383AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com