Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ANC Datasheet(PDF) 3 Page - Astrodyne Corporation

Part No. ANC
Description  15 Watt Ultraminiature Modular Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ANC Datasheet(HTML) 3 Page - Astrodyne Corporation

  ANC Datasheet HTML 1Page - Astrodyne Corporation ANC Datasheet HTML 2Page - Astrodyne Corporation ANC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15 Watt Ultraminiature Modular Switching Power Supplies
A N C series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
VER : A_0
update : 94.03.21
AC-DC Power Module
ANC SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION ( Top View )
BLOCK DIAGRAM
DERATING
PIN#
SINGLE
Dual
Triple
1
FG
FG
FG
2
AC IN (N)
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
AC IN (L)
4
NO PIN
NO PIN
-DC OUT
5
-DC OUT
-DC OUT
COMMON
6
NO PIN
COMMON
+DC OUT
7
+DC OUT
+DC OUT
+5V RTN
8
NO PIN
NO PIN
+5V OUT


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
MCA-1515W Ultraminiature Modular Switching Power Supplies 1 2 3 4 5 List of Unclassifed Manufacturers
PM6651-65 WATT MEDICAL SWITCHING POWER SUPPLIES 1 2 Protek Devices
MK320SCompact 300 Watt Enclosed Switching Power Supplies 1 2 3 Astrodyne Corporation
ER9For Switching Power Supplies SMD Cores 1 2 3 4 TDK Electronics
SX100U100 & 150 Watt 120 VAC Input Fully Enclosed Switching Power Supply 1 2 3 List of Unclassifed Manufacturers
MAA50Switching Power Supplies 1 2 3 4 5 List of Unclassifed Manufacturers
KRS10F10 WATT Universal Input PCB Mountable Switching Power Supply 1 2 List of Unclassifed Manufacturers
SPN1515 WATT Universal Input Fully Enclosed Switching Power Supply 1 2 List of Unclassifed Manufacturers
SPN5050 WATT Universal Input Fully Enclosed Switching Power Supply 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn