Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1360ANG Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TA1360ANG
Description  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360ANG Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TA1360ANG_05 Datasheet HTML 49Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 50Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 51Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 52Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 53Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 54Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 55Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 56Page - Toshiba Semiconductor TA1360ANG_05 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
TA1360ANG
2005-08-18
53
Test Conditions
SW Mode
Note No.
Characteristics
SW1
SW2
SW3
SW7
SW56
Test Method (Test condition: VCC = 9 V/2 V, Ta = 25 ± 3°C)
P14
Light area dynamic Y
γ gain
A
B
C
A
OPEN
1.
Connect external power supply PS1 to #3, external power supply PS2 to TP7, and set PS2 to 1.2 V.
2.
Set dark area static Y
γ gain [1C] to 0dB [17], and light area static Yγ gain [1C] to 0dB [17].
3.
Set PS1 to V3 [V], and measure #43 picture period voltage VLDGOFF1.
4.
Set PS1 to VLGP [V], and measure #43 picture period voltage VLDGOFF2.
5.
Set light area static Y
γ gain [1C] to MAX [14], PS2 to 0 V, PS1 to VLGP [V], determine #43 picture period
voltage VLDGMAX [V] using the following equations.
VLDGMAX
− VLDGOFF2 = A
VLDGOFF2
− VLDGOFF1 = B
GLDG
= 20 × og
l
[B/(B
− A)]
VLDGMAX
− VLDGOFF2 = A
VLDGOFF2
− VLDGOFF1 = B
OFF
ON
#43 voltage [V]
#3 voltage [V]
VLGP
VLDGOFF1
VLDGOFF2
VLDGMAX
V3
V3 + 0.7 V
(100IRE)


Similar Part No. - TA1360ANG_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG Datasheet
1Mb / 108P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA1360ANG_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com