Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD60 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ALD60
Description  60W, Single Output, Class 2 LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ALD60 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ALD60 Datasheet HTML 1Page - Astrodyne Corporation ALD60 Datasheet HTML 2Page - Astrodyne Corporation ALD60 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
60W, Single Output, Class 2 LED Drivers
A L D 6 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS


Similar Part No. - ALD60

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
CINCON ELECTRONICS Corp...
ALD CINCON-ALD Datasheet
1Mb / 2P
   50.4 WATT BUCK LED DRIVER with DALI
logo
TDK Electronics
ALD-310012PJ125 TDK-ALD-310012PJ125 Datasheet
644Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
More results

Similar Description - ALD60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ALD120 ASTRODYNE-ALD120 Datasheet
308Kb / 3P
   120W, Single Output, 2 Channel, Class 2 LED Drivers
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com