Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1270BFG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TA1270BFG
Description  PAL / NTSC VIDEO CHROMA AND SYNC PROCESSING SYSTEM FOR PIP / POP / PAP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1270BFG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TA1270BFG Datasheet HTML 22Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 23Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 24Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 25Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 26Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 27Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 28Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 29Page - Toshiba Semiconductor TA1270BFG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
TA1270BFG
2005-08-18
26
(Unless otherwise specified, SYNC / SW VCC = 9 V, DAC / C VCC = 5 V, preset bus data, Ta = 25°C ± 3°C)
TEST CONDITION
SUB ADDRESS & DATA
SW MODE
NOTE
CHARACTERISTIC
00
01
02
03
05
SW1
TEST METHOD
C5
PAL Ident Sensitivity
80
80
or
81
80
80
80
A
(1) Input 4.43 PAL signal 1 rainbow signal (Burst : chroma = 1 : 1) to the
CHROMA input (Pin 6).
(2) While monitoring the READ BUS “COLOR“, perform the following with
BUS “P / N-ID“ data = 1 and 0.
(3) Increase the amplitude of the input signal from 0 mVp-p and measure the
amplitude at mode change to 4.43 PAL mode.
(Normal (1) ; vPCL, High (0) ; vPCH)
(4) Decrease the amplitude of the input signal from 100 mVp-p and measure
the amplitude at mode change to 4.43 PAL mode.
(Normal (1) ; vPBL, High (0) ; vPBH)
C6
TOF Characteristics
80
83
80
81
or
83
80
A
(1) Input fsc signal to the chroma input (Pin 6).(signal amplitude = 10 mVp-p,
f01 = 3.579545 MHz,f02 = 4.433619 MHz)
(2) Set sub address (01) data to (38h). With f01, set sub address (03) data to
(81h) ; with f01, to (83h). Insert a 1.5 kΩ resistor between R-Y output (Pin
48) and VCC (5 V). Monitor R-Y output (Pin 48) and perform the following.
(3) Measure the output amplitude with f0 and calculate the gain from the
input.
(f01 ; GFC3, f02 ; GFC4)
(4) Measure the output amplitude with f0 ± 500 kHz and calculate the gain
from the input.
(f01 + 500 kHz ; GFH3, f01 − 500 kHz ; GFL3,
f02 + 500 kHz ; GFH4, f02 − 500 kHz ; GFL4)


Similar Part No. - TA1270BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
More results

Similar Description - TA1270BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TC90A66F TOSHIBA-TC90A66F Datasheet
488Kb / 39P
   PAP/PIP/POP Controller for Wide-Screen TVs (PAL/NTSC)
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
logo
NTE Electronics
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
logo
Toshiba Semiconductor
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com