Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVC06K05 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AVC06K05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06K05 Datasheet(HTML) 5 Page - Astec America, Inc

  AVC06K05 Datasheet HTML 1Page - Astec America, Inc AVC06K05 Datasheet HTML 2Page - Astec America, Inc AVC06K05 Datasheet HTML 3Page - Astec America, Inc AVC06K05 Datasheet HTML 4Page - Astec America, Inc AVC06K05 Datasheet HTML 5Page - Astec America, Inc AVC06K05 Datasheet HTML 6Page - Astec America, Inc AVC06K05 Datasheet HTML 7Page - Astec America, Inc AVC06K05 Datasheet HTML 8Page - Astec America, Inc AVC06K05 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 5 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Notes: If output is shorted to GND, or the module is heated abnormally, the DC-DC Converter will shut down.
After removal the abnormal mode, the DC-DC Converter will re-start by re-input the Vin or toggling the
ON/OFF pin.


Similar Part No. - AVC06K05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AVC06K05 ASTEC-AVC06K05 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Emerson Network Power
AVC06K05 EMERSON-NETWORKPOWER-AVC06K05 Datasheet
78Kb / 2P
   20w Ultra Low Profile - 6.0mm
More results

Similar Description - AVC06K05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUK30W ASTEC-AUK30W Datasheet
319Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
   Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUD10W ASTEC-AUD10W Datasheet
315Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com