Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD18M48N-S Datasheet(PDF) 11 Page - Astec America, Inc

Part # ALD18M48N-S
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD18M48N-S Datasheet(HTML) 11 Page - Astec America, Inc

Back Button ALD18M48N-S Datasheet HTML 7Page - Astec America, Inc ALD18M48N-S Datasheet HTML 8Page - Astec America, Inc ALD18M48N-S Datasheet HTML 9Page - Astec America, Inc ALD18M48N-S Datasheet HTML 10Page - Astec America, Inc ALD18M48N-S Datasheet HTML 11Page - Astec America, Inc ALD18M48N-S Datasheet HTML 12Page - Astec America, Inc ALD18M48N-S Datasheet HTML 13Page - Astec America, Inc ALD18M48N-S Datasheet HTML 14Page - Astec America, Inc ALD18M48N-S Datasheet HTML 15Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 11 OF 20
AUGUST 17, 2005 – REVISION C
Performance Curves
2.5V Version
Efficiency vs. Output Current, T
A=25°C
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
4
8
12
16
20
Output Current (Amps)
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Figure 18. 2.5V Efficiency vs. output current at various
input line conditions, TA = 25°C.
Power Dissipation vs. Output Current, T
A=25°C
0
2
4
6
8
10
0
5
10
15
20
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
Figure 19. 2.5V Power Dissipation vs. load current at
various input line conditions, TA = 25°C.
Figure 20. 2.5V Startup Characteristic at VIN = 36Vdc,
IO = Full Load, TA = 25°C, CO = 0.
Figure 21. 2.5V Output Ripple at VIN = 48Vdc, IO =
Full Load, TA = 25°C.


Similar Part No. - ALD18M48N-S

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1801 ALD-ALD1801 Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
ALD1801ADC ALD-ALD1801ADC Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
ALD1801APC ALD-ALD1801APC Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
ALD1801ASC ALD-ALD1801ASC Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
More results

Similar Description - ALD18M48N-S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com