Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6N29TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6N29TU
Description  High-Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N29TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6N29TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6N29TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6N29TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6N29TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6N29TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM6N29TU
2007-11-01
2
Switching Time Test Circuit
(a) Test Circuit
(b) VIN
Marking
Equivalent Circuit (top view)
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID= 1 mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth, and VGS (off) requires a lower
voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on). )
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
(c) VOUT
VDD = 10 V
RG = 4.7 Ω
D.U. <= 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25 °C
VDD
OUT
IN
2.5 V
0
10
μs
tf
ton
90 %
10 %
2.5 V
0 V
10 %
90 %
toff
tr
VDD
VDS (ON)
6
KK1
4
1
2
3
5
4
123
6
5
Q1
Q2


Similar Part No. - SSM6N29TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N29TU TOSHIBA-SSM6N29TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6N29TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com