Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH22T05 Datasheet(PDF) 6 Page - Astec America, Inc

Part # ATH22T05
Description  22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH22T05 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button ATH22T05 Datasheet HTML 2Page - Astec America, Inc ATH22T05 Datasheet HTML 3Page - Astec America, Inc ATH22T05 Datasheet HTML 4Page - Astec America, Inc ATH22T05 Datasheet HTML 5Page - Astec America, Inc ATH22T05 Datasheet HTML 6Page - Astec America, Inc ATH22T05 Datasheet HTML 7Page - Astec America, Inc ATH22T05 Datasheet HTML 8Page - Astec America, Inc ATH22T05 Datasheet HTML 9Page - Astec America, Inc ATH22T05 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application Notes
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Table 2-1: Input/Output Capacitors
ATH22T033/T05: Capacitor Recommendations
Input Capacitor
The recommended input capacitor(s) is determined by
the 1,000 µF (1) minimum capacitance and 700 mArms
minimum ripple current rating.
Ripple current and <100 m
Ω equivalent series resistance
(ESR) values are the major considerations, along with
temperature, when designing with different types of
capacitors. Tantalum capacitors have a recommended
minimum voltage rating of 2
× (the maximum DC voltage
+ AC ripple). This is standard practice for tantalum
capacitors to insure reliability.
Ceramic Capacitors
Ceramic capacitors may be substituted for electrolytic
types using the minimum capacitance, for improved
ripple reduction on the input bus.
Output Capacitors (Optional)
The recommended ESR of the capacitors is equal to or
less than 150 m
Ω. Electrolytic capacitors have marginal
ripple performance at frequencies greater than 400 kHz
but excellent low frequency transient response. Above
the ripple frequency, ceramic capacitors are necessary to
improve the transient response and reduce any high
frequency noise components apparent during higher
current excursions. Preferred low ESR type capacitor part
numbers are identified in Table 2-1.
Tantalum Capacitors
Tantalum type capacitors can be used for the output, but
only the AVX TPS, Sprague 593D/594/595or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability.
As a caution the TAJ series by AVX is not recommended.
This series has considerably higher ESR, reduced power
dissipation, and lower ripple current capability. The TAJ
series is less reliable than the AVX TPS series when
determining power dissipation capability. Tantalum,
ceramic, or Os-con types are recommended for applica-
tions where ambient temperatures fall below 0 °C.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The number of capacitors required at both
the input and output buses is identified for each capacitor
type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those
listed are for guidance. The RMS ripple current rating and
ESR (at 100kHz) are critical parameters necessary to insure
both optimum regulator performance and long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
K
F)
.
t
M
e
c
a
f
r
u
S
(
V
0
1
V
0
1
V
5
2
V
0
1
0
6
5
0
0
0
1
0
0
0
1
0
0
0
1
0
9
0
.
0
8
6
0
.
0
0
6
0
0
0
8
0
.
0
A
m
5
5
7
A
m
0
5
0
1
A
m
0
0
1
1
A
m
0
5
8
0
1
× 5
.
2
1
0
1
× 6
1
5
.
2
1
× 5
.
3
1
0
1
× 2
.
0
1
2
1
1
1
1
1
1
1
1
6
5
A
1
C
F
U
E
E
2
0
1
A
1
C
F
U
E
E
Q
2
0
1
E
1
K
F
V
E
E
P
2
0
1
A
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
)
.
t
M
e
c
a
f
r
u
S
(
A
X
P
X
F
s
e
i
r
e
S
Z
X
L
V
3
.
6
V
3
.
6
V
0
1
V
0
1
0
7
4
0
0
0
1
0
8
6
0
0
0
1
0
2
0
.
0
3
1
0
.
0
0
9
0
.
0
8
6
0
.
0
A
m
0
3
1
4
A
m
5
3
9
4
A
m
0
6
7
A
m
0
5
0
1
0
1
× 7
.
7
0
1
× 5
.
0
1
0
1
× 5
.
2
1
0
1
× 6
1
)
1
(
2
1
2
1
1
1
1
1
P
T
0
8
J
M
1
7
4
C
V
3
.
6
A
X
P
M
0
0
0
1
X
F
6
L
L
2
1
X
0
1
M
1
8
6
B
V
0
1
Z
X
L
L
L
6
1
X
0
1
M
2
0
1
B
V
0
1
Z
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
M
P
V
3
.
6
V
0
1
V
6
1
0
0
0
1
0
0
0
1
0
0
0
1
3
5
0
.
0
5
6
0
.
0
5
5
0
.
0
A
m
0
3
0
1
A
m
0
6
0
1
A
m
0
0
4
4
5
.
2
1
x
0
1
6
1
× 5
1
0
1
× 0
1
1
1
1
1
1
1
R
P
M
2
0
1
J
0
D
H
U
6
H
P
M
2
0
1
A
1
M
P
U
6
H
H
M
2
0
1
C
1
M
P
U
:
n
o
c
-
s
O
-
o
y
n
a
S
P
S
)
.
t
M
e
c
a
f
r
u
S
(
P
V
S
V
0
1
V
0
1
0
7
4
0
6
5
5
1
0
.
0
3
1
0
.
0
A
m
0
0
5
4
>
A
m
0
0
2
5
>
0
1
× 5
.
0
1
0
1
× 7
.
2
1
)
1
(
2
2
1
1
M
0
7
4
P
S
0
1
M
0
6
5
P
V
S
0
1
m
u
l
a
t
n
a
T
X
V
A
)
.
t
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
7
4
0
7
4
5
4
0
.
0
0
6
0
.
0
A
m
3
2
7
1
A
m
6
2
8
1
L
3
.
7
× W
7
.
5
× H
1
.
4
)
1
(
2
)
1
(
2
1
1
5
4
0
0
R
0
1
0
M
7
7
4
E
S
P
T
0
6
0
0
R
0
1
0
M
7
7
4
V
S
P
T
r
e
m
y
l
o
P
t
e
m
e
K
m
u
l
a
t
n
a
T
s
e
i
r
e
S
0
3
5
T
/
0
2
5
T
)
.
t
M
e
c
a
f
r
u
S
(
V
0
1
V
0
1
0
3
3
0
3
3
0
4
0
.
0
5
1
0
.
0
A
m
0
0
8
1
A
m
0
0
8
3
>
W
3
.
4
× L
3
.
7
× H
0
.
4
3
3
1
1
S
A
0
1
0
M
7
3
3
X
0
2
5
T
S
A
0
1
0
M
7
3
3
X
0
3
5
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
5
9
5
)
.
t
M
e
c
a
f
r
u
S
(
V
0
10
7
40
0
1
.
0
A
m
0
4
4
1L
2
.
7
× W
6
× H
1
.
4
)
1
(
21
T
2
R
0
1
0
0
X
7
7
4
D
5
9
5
ATH22T033 & ATH22T05 Series
(1) Total capacitance of 940 µF is acceptable based on the combined ripple current rating.


Similar Part No. - ATH22T05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH22T05-9 ASTEC-ATH22T05-9 Datasheet
581Kb / 2P
   22Amps
ATH22T05-9J ASTEC-ATH22T05-9J Datasheet
581Kb / 2P
   22Amps
ATH22T05-9S ASTEC-ATH22T05-9S Datasheet
581Kb / 2P
   22Amps
ATH22T05-9SJ ASTEC-ATH22T05-9SJ Datasheet
581Kb / 2P
   22Amps
More results

Similar Description - ATH22T05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05020W TI-PTH05020W Datasheet
516Kb / 17P
[Old version datasheet]   22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05020W TI-PTH05020W_15 Datasheet
381Kb / 19P
[Old version datasheet]   22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
[Old version datasheet]   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH10T05 ASTEC-ATH10T05 Datasheet
403Kb / 14P
   10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05060W TI-PTH05060W_15 Datasheet
577Kb / 19P
[Old version datasheet]   10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com