Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-POWR1014 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPPAC-POWR1014
Description  In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-POWR1014 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPPAC-POWR1014 Datasheet HTML 4Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 5Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 9Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 10Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 11Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Lattice Semiconductor
ispPAC-POWR1014/A Data Sheet
8
AC/Transient Characteristics
Over Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage Monitors
tPD16
Propagation delay input to
output glitch filter OFF
16
µs
tPD64
Propagation delay input to
output glitch filter ON
64
µs
Oscillators
fCLK
Internal master clock
frequency (MCLK)
7.6
8
8.4
MHz
fCLKEXT
Externally applied master
clock (MCLK)
7.2
8.8
MHz
fPLDCLK
PLDCLK output frequency
fCLK = 8MHz
250
kHz
Timers
Timeout Range
Range of programmable
timers (128 steps)
fCLK = 8MHz
0.032
1966
ms
Resolution
Spacing between available
adjacent timer intervals
13
%
Accuracy
Timer accuracy
fCLK = 8MHz
-6.67
-12.5
%


Similar Part No. - ISPPAC-POWR1014

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014 Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014-01T48I LATTICE-ISPPAC-POWR1014-01T48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014-01TN48I LATTICE-ISPPAC-POWR1014-01TN48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A LATTICE-ISPPAC-POWR1014A Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A-01T48I LATTICE-ISPPAC-POWR1014A-01T48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
More results

Similar Description - ISPPAC-POWR1014

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPPAC-POWR1014 LATTICE-LA-ISPPAC-POWR1014 Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014_08 Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com