Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ40 Datasheet(PDF) 16 Page - Astec America, Inc

Part # ALQ40
Description  Industry StandardBrick: 36V-75V Input / 50A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 16 Page - Astec America, Inc

Back Button ALQ40_03 Datasheet HTML 8Page - Astec America, Inc ALQ40_03 Datasheet HTML 9Page - Astec America, Inc ALQ40_03 Datasheet HTML 10Page - Astec America, Inc ALQ40_03 Datasheet HTML 11Page - Astec America, Inc ALQ40_03 Datasheet HTML 12Page - Astec America, Inc ALQ40_03 Datasheet HTML 13Page - Astec America, Inc ALQ40_03 Datasheet HTML 14Page - Astec America, Inc ALQ40_03 Datasheet HTML 15Page - Astec America, Inc ALQ40_03 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Technical Reference Notes
ALQ40/50 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ50 SERIES
SHEET 16 OF 16
APRIL 21, 2003 - REVISION A (PRELIMINARY)
Mechanical Specifications (continued)
SOLDERING CONSIDERATIONS
The ALQ50 series converters are compatible with standard wave soldering techniques. When wave soldering, the
converter pins should be preheated for 20-30 seconds at 110
°C and wave soldered at 260°C for less than 10 seconds.
When hand soldering, the iron temperature should be maintained at 425
°C and applied to the converter pins for less
than 5 seconds. Longer exposure can cause internal damage to the converter. Cleaning can be performed with cleaning
solvent IPA or with water.
PART NUMBERING SCHEME FOR ORDERING
OUTPUT
VOLTAGE
ENABLE LOGIC
ALQ40 / 50
x
48
y
F = 3.3V
N
= Negative Enable
G = 2.5V
“Blank” = Positive Enable (Default)
Y = 1.8V
K = 1.2V
Please call 1-888-41-ASTEC for further inquiries
or visit us at www.astecpower.com


Similar Part No. - ALQ40_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40F48 ASTEC-ALQ40F48 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48 EMERSON-NETWORKPOWER-ALQ40F48 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ40F48N ASTEC-ALQ40F48N Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Emerson Network Power
ALQ40F48N EMERSON-NETWORKPOWER-ALQ40F48N Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ40G48 ASTEC-ALQ40G48 Datasheet
97Kb / 2P
   40 Amps
More results

Similar Description - ALQ40_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com