Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM311A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSDM311A
Description  Green Mode Fairchild Power Switch (FPS??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM311A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSDM311A Datasheet HTML 1Page - Fairchild Semiconductor FSDM311A Datasheet HTML 2Page - Fairchild Semiconductor FSDM311A Datasheet HTML 3Page - Fairchild Semiconductor FSDM311A Datasheet HTML 4Page - Fairchild Semiconductor FSDM311A Datasheet HTML 5Page - Fairchild Semiconductor FSDM311A Datasheet HTML 6Page - Fairchild Semiconductor FSDM311A Datasheet HTML 7Page - Fairchild Semiconductor FSDM311A Datasheet HTML 8Page - Fairchild Semiconductor FSDM311A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSDM311A • Rev.1.0.2
2
Typical Application & Output Power Table
Figure 1.
Typical Flyback Application
OUTPUT POWER TABLE
Open Frame
(1)
Product
230VAC ±15%
(2)
85~265VAC
FSDM311A
13W
8W
Notes
:
1.
Maximum practical continuous power in an open-
frame design with sufficient drain pattern as a heat
sinker, at 50
°C ambient.
2.
230VAC or 100/115VAC with doubler.
Internal Block Diagram
2
UVLO
Voltage
Ref
VCC
Internal
Bias
Rsense
ILIM
S/S
15mS
3
6,7,8
1
OSC
S
R
Q
TSD
S
R
Q
LEB
OLP
A/R
DRIVER
IDELAY
5 A
IFB
400 A
Vck
Vth
SFET
Drain
GND
Vfb
BURST
VSD
PWM
Min.20V
OVP
4
NC
5
H
Vstr
L
9/7V
Reset
VBURL/
VBURH
Figure 2.
Functional Block Diagram


Similar Part No. - FSDM311A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSDM311L FAIRCHILD-FSDM311L Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311L FAIRCHILD-FSDM311L Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
More results

Similar Description - FSDM311A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com