Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HU-12F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM600HU-12F
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM600HU-12F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM600HU-12F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM600HU-12F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM600HU-12F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM600HU-12F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug. 1999
MITSUBISHI IGBT MODULES
CM600HU-12F
HIGH POWER SWITCHING USE
200
400
600
800
1000
1200
0
0
0.5
1
1.5
2
2.5
3
3.5
4
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
0
0.5
1
1.5
2
3.5
4
2.5
3
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
10–1 2
100
35 7
2
101
35 7
2
102
35 7
0.5
1
1.5
2
2.5
3
0
1200
0
400
800
5
4
3
2
1
0
6
8
10
12
14
16
18
20
100
101
23
5 7
102
23
5 7
103
23
5 7
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
100
11
15
10
8.5
8
7.5
9.5
VGE=20V
Tj=25
°C
9
Tj = 25
°C
Tj = 125
°C
VGE = 15V
IC = 1200A
IC = 600A
IC = 240A
Tj = 25
°C
Tj = 25
°C
VGE = 0V
Cies
Coes
Cres
td(off)
td(on)
tf
tr
Conditions:
VCC = 300V
VGE =
±15V
RG = 3.1
Tj = 125
°C
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
GATE-EMITTER VOLTAGE VGE (V)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
PERFORMANCE CURVES


Similar Part No. - CM600HU-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HU-12F POWEREX-CM600HU-12F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM600HU-12F MITSUBISHI-CM600HU-12F Datasheet
134Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HU-12F MITSUBISHI-CM600HU-12F_09 Datasheet
134Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM600HU-12F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com