Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP251 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP251
Description  GaA?밃s Ired & Photo-IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP251_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP251_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP251
2007-10-01
4
Switching Characteristics (Ta = −20~70°C, unless otherwise specified)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.*
Max.
Unit
L→H
tpLH
0.25
1.0
Propagation
delay time
H→L
tpHL
0.25
1.0
Output rise time
tr
Output fall time
tf
5
IF = 8mA
VCC1 = +15V, VEE1 = −15V
RL = 200 Ω
μs
Common mode transient
immunity at high level
output
CMH
VCM = 600V, IF = 8mA,
VCC = 30V, Ta = 25℃
−5000
V / μs
Common mode transient
immunity at low level
output
CML
6
VCM = 600V, IF = 0mA,
VCC = 30V, Ta = 25℃
5000
V / μs
*All typical values are at Ta=25
Test Circuit 1 : IOPH
Test Circuit 2 : IOPL
Test Circuit 3 : VOH
Test Circuit 4 : VOL
8
1
4
VCC1
0.1μF
VOL
VF
RL
VEE1
V
8
1
4
VCC
0.1μF
IOPL
A
V6-5
8
1
4
VCC1
0.1μF
VOH
V
IF
RL
VEE1
8
1
4
VCC
0.1μF
IOPH
V8-6
IF
A


Similar Part No. - TLP251_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
   INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
More results

Similar Description - TLP251_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com