Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP251F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP251F
Description  GaA?밃s Ired & Photo−IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP251F_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP251F_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP251F_07 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TLP251F
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo−IC
TLP251F
Inverter for Air Conditioner
Induction Heating
Transistor Inverter
Power MOSFET Gate Drive
IGBT Gate Drive
The TOSHIBA TLP251F consists of a GaAℓAs light emitting diode and
an integrated photodetector.
This unit is 8−lead DIP package.
TLP251F is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP251 is capable of “direct” gate drive of lower power IGBTs.
(~15A)
• Input threshold current: IF = 5mA (max.)
• Supply current: 11mA (max.)
• Supply voltage: 10~35V
• Output peak current: ±0.4A (max.)
• Switching time: tpHL, tpLH = 1μs (max.)
• Isolation voltage: 2500Vrms(min.)
• UL recognized: UL1577, file no. E67349
• Option (D4) type
VDE approved: DIN EN 60747-5-2, certificate no. 40011913
Maximum operating insulation voltage: 1140VPK
Highest permissible over voltage: 6000VPK
(Note 1) When a EN 60747-5-2 approved type is needed,
please designate the “ Option (D4) ”
• Structural parameter
Creepage distance: 8.0mm (min.)
Clearance: 8.0mm (min.)
Unit in mm
TOSHIBA
11
−10C402
Weight: 0.54g


Similar Part No. - TLP251F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
   INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
More results

Similar Description - TLP251F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com