Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALQ15XX48X Datasheet(PDF) 4 Page - Astec America, Inc

Part No. ALQ15XX48X
Description  Industry Standard ¼ Brick: 36V-75V Input / 60W Output Power
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTEC [Astec America, Inc]
Homepage  http://www.astecinc.com/
Logo 

ALQ15XX48X Datasheet(HTML) 4 Page - Astec America, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Reference Notes
ALQ15XX48X Series
(Open Frame Dual Output Quarter Brick)
MODEL: ALQ15 SERIES
SHEET 4 OF 19
MARCH 4, 2004 - REVISION 01
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
VDC
Maximum Input Current
2
Conditions: VIN = between 0 to VIN,min
PO = PO,max; TA = 25 ºC
AF
FG
FY
GM
IIN,max
-
-
2.20
2.20
2.20
2.27
A
Input Reflected Ripple Current
3
Conditions: PO = PO,max; TA = 25 ºC
All
II1/ II2
-
10
20
mAPK-PK
Standing Loss
Condition: VIN = VIN,nom; TA = 25 ºC
All
-
-
-
3.0
W
NOTE: 2. The power module is not internally fused. An input line fuse (e.g. Littelfuse Type 312003. 3A, 250V) is
recommended.
3. See Figure 1 for Input Reflected Ripple Current Test Setup.
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Voltage Setpoint
Conditions: VI = VIN,nom; TA = 25 ºC;
VO1: IO1 = IO,max; PO = 60W
VO2: IO2 = IO,max; PO = 60W
AF
FG
FY
GM
VO1/ V O2
VO1/ V O2
VO1/ V O2
VO1/ V O2
4.93 / 3.25
3.25 / 2.46
3.25 / 1.76
2.46 / 1.47
5.00 / 3.30
3.30 / 2.50
3.30 / 1.80
2.50 / 1.50
5.08 / 3.35
3.35 / 2.54
3.35 / 1.84
2.54 / 1.53
Vdc
Load Current
5.0V
3.3V
2.5V
1.8V
1.5V
IO1/IO2
IO1/IO2
IO1/IO2
IO1/IO2
IO1/IO2
0
0
0
0
0
-
-
-
-
-
12.0
15.0
15.0
15.0
15.0
A
Combined Output Power
PO = PO1 + PO2
AF
FG
FY
GM
PO
PO
PO
PO
-
-
-
-
-
-
-
-
60
60
60
60
W
Line Regulation:
Conditions: VIN = VIN, min to VIN, max;
IO1 = IO, max, IO2 = IO, min
VIN = VIN, min to VIN, max;
IO1 = IO, min, IO2 = IO, max
5.0V
3.3V
2.5V
1.8V
1.5V
-
-
-
-
-
0.06
0.03
0.03
0.03
0.03
0.15
0.10
0.10
0.10
0.10
%Vo


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn