Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALQ15XX48X Datasheet(PDF) 3 Page - Astec America, Inc

Part No. ALQ15XX48X
Description  Industry Standard ¼ Brick: 36V-75V Input / 60W Output Power
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTEC [Astec America, Inc]
Homepage  http://www.astecinc.com/
Logo 

ALQ15XX48X Datasheet(HTML) 3 Page - Astec America, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Technical Reference Notes
ALQ15XX48X Series
(Open Frame Dual Output Quarter Brick)
MODEL: ALQ15 SERIES
SHEET 3 OF 19
MARCH 4, 2004 - REVISION 01
Electrical Specifications
STANDARD TEST CONDITION on a single module unless otherwise specified.
TA:
25ºC (Ambient Air)
+VIN:
PIN 1
48V ± 2V
ENABLE:
PIN 2
Open (Positive Enable)
-VIN:
PIN 3
Return Pin for +VIN
+VOUT2:
PIN 4
Connect to Load 2
-VOUT:
PIN 5
Return Pin for Load 1 & 2
TRIM:
PIN 6
Open
+VOUT1:
PIN 7
Connect to Load 1
Airflow
Refer to the appropriate derating curve
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous
Transient(100ms) :
All
All
VIN
VI N, trans
0
0
-
-
75
100
Vdc
Vdc
Operating Ambient Temperature
1
All
TA
-40
-
+85
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
85
%
I/O Isolation
All
-
1500
-
-
Vdc
Maximum Enable Voltage
All
25
Vdc
NOTE: 1. Power Derating applies. Refer to Figures 15 to 18.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn