Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM339DRE4
Description  QUAD DIFFERENTIAL COMPARATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  LM339DRE4 Datasheet HTML 1Page - Texas Instruments LM339DRE4 Datasheet HTML 2Page - Texas Instruments LM339DRE4 Datasheet HTML 3Page - Texas Instruments LM339DRE4 Datasheet HTML 4Page - Texas Instruments LM339DRE4 Datasheet HTML 5Page - Texas Instruments LM339DRE4 Datasheet HTML 6Page - Texas Instruments LM339DRE4 Datasheet HTML 7Page - Texas Instruments LM339DRE4 Datasheet HTML 8Page - Texas Instruments LM339DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
LM139
LM139A
PARAMETER
TEST CONDITIONS(1)
TA(2)
UNIT
MIN
TYP MAX
MIN
TYP MAX
VCC = 5 V to 30 V,
25
°C
2
5
1
2
VIO
Input offset voltage
VIC = VICR min,
mV
Full range
9
4
VO = 1.4 V
25
°C
3
25
3
25
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
100
25
°C
–25 –100
–25 –100
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
–300
0 to
0 to
25
°C
VCC – 1.5
VCC – 1.5
Common-mode
VICR
V
input-voltage range
0 to
0 to
Full range
VCC – 2
VCC – 2
Large-signal
VCC+ = ±7.5 V,
AVD
differential-voltage
25
°C
200
50
200
V/mV
VO = –5 V to 5 V
amplification
VOH = 5 V
25
°C
0.1
0.1
nA
IOH
High-level output current
VID = 1 V
VOH = 30 V
Full range
1
1
µA
25
°C
150
400
150
400
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
mV
Full range
700
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
Supply current
ICC
VO = 2.5 V,
No load
25
°C
0.8
2
0.8
2
mA
(four comparators)
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range (MIN to MAX) for LM139 and LM139A is –55
°C to 125°C. All characteristics are measured with zero common-mode input
voltage, unless otherwise specified.
V
CC = 5 V, TA = 25°C
LM139
LM139A
PARAMETER
TEST CONDITIONS
UNIT
TYP
100-mV input step with 5-mV overdrive
1.3
RL connected to 5 V through 5.1 kΩ,
Response time
µs
CL = 15 pF(1)(2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
5
Submit Documentation Feedback


Similar Part No. - LM339DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339DRE4 TI-LM339DRE4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI1-LM339DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI-LM339DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DRE4 TI1-LM339DRE4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM339DRE4 TI1-LM339DRE4 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM339DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com