Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD18F48N-6S Datasheet(PDF) 7 Page - Astec America, Inc

Part # ALD18F48N-6S
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD18F48N-6S Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ALD18F48N-6S Datasheet HTML 3Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 4Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 5Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 6Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 7Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 8Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 9Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 10Page - Astec America, Inc ALD18F48N-6S Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 7 OF 20
AUGUST 17, 2005 – REVISION C
Basic Operation and Features (continued)
OUTPUT ENABLE (continued)
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns unit on when the
Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit is non-latching - auto recovery mode. The converter will shut down and attempt to restart until
the fault is removed. There is a 20-50ms lockout period between restart attempts.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection is non-latching - auto recovery mode. The converter shuts down once the output current reaches the
OCP range. The converter will attempt to restart until the fault is removed. There is a 20-50ms lockout period between restart
attempts. Note that the OCP threshold will be reduced proportionally with the output voltage trim up and/or remote sense
compensation. The percent rise in output voltage will be proportional to the reduction in OCP current inception.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the average PCB temperature (See Figure 43A for OTP
reference sense point) reaches the OTP range. This feature prevents the unit from overheating and consequently going into thermal
runaway, which may further damage the converter and the end system. Such overheating may be an effect of operation outside the
given power thermal derating conditions. Restart is possible once the temperature of the sensed location drops to less than 110
°C.
REMOTE SENSE
The remote sense pins can be used to compensate for any voltage drops (per indicated max limits) that may occur along the
connection between the output pins to the load. Pin 7 (+Sense) and Pin 5 (-Sense) should be connected to Pin 8 (+Vout) and Pin 4
(-Vout) respectively at the point where regulation is desired. The combination of remote sense and trim adjust cannot exceed 110%
of VO. When output voltage is trimmed up (through remote sensing and/or trim pin), output current must be derated and maximum
output power must not be exceeded.
Figure 5. Typical Application Circuit
+Vin
-Vin
+Vo
-Vo
L
O
A
D
TO SOURCE
33uF
0.1uF
10uF


Similar Part No. - ALD18F48N-6S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD18F48N-6S ASTEC-ALD18F48N-6S Datasheet
328Kb / 2P
   25 Amps
logo
Emerson Network Power
ALD18F48N-6S EMERSON-NETWORKPOWER-ALD18F48N-6S Datasheet
328Kb / 2P
   High Efficiency
logo
Astec America, Inc
ALD18F48N-6SL ASTEC-ALD18F48N-6SL Datasheet
328Kb / 2P
   25 Amps
logo
Emerson Network Power
ALD18F48N-6SL EMERSON-NETWORKPOWER-ALD18F48N-6SL Datasheet
328Kb / 2P
   High Efficiency
More results

Similar Description - ALD18F48N-6S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com