Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6K209FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6K209FE
Description  High-Speed Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K209FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6K209FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K209FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K209FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K209FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K209FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K209FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM6K209FE
2007-11-01
3
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
RDS (ON) – ID
Drain–source voltage VDS (V)
ID – VDS
0
4
0
0.2
0.4
0.6
1
3
VGS = 2.5 V
10 V
1
2
Common Source
Ta
= 25 °C
4.0V
0.8
5.0 V
3.0 V
Gate–source voltage VGS (V)
ID – VGS
10
0
0.1
1
0.001
0.01
0.0001
4.0
− 25 °C
Ta
= 100 °C
25 °C
2.0
Vth – Ta
3.0
0
−50
0
150
2.0
50
100
RDS (ON) – Ta
0
−50
0
50
150
100
300
100
200
0
5
15
Gate–source voltage VGS (V)
10
0
200
RDS (ON) – VGS
300
100
20
− 25 °C
Ta
= 100 °C
25 °C
ID =1.5A
Common Source
Common Source
VDS = 5 V
VGS = 10 V
Drain current ID (A)
0
1
3
4
2
0
200
300
100
4.0V
Common Source
Ta
= 25°C
5
5
1.0
Common Source
VDS = 5V
ID = 1 mA
ID = 1.5 A / VGS = 10 V
1.0 A / 4.0V
Common Source


Similar Part No. - SSM6K209FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K201FE TOSHIBA-SSM6K201FE Datasheet
362Kb / 5P
   Power Management Switch Applications High Speed Switching Applications
SSM6K202FE TOSHIBA-SSM6K202FE Datasheet
184Kb / 6P
   High-Speed Switching Applications
SSM6K202FE TOSHIBA-SSM6K202FE Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM6K202FE TOSHIBA-SSM6K202FE Datasheet
350Kb / 8P
   MOSFETs Silicon N-Channel MOS
2022-02-03 Rev.1.0
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
More results

Similar Description - SSM6K209FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com