Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6K34TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6K34TU
Description  High Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K34TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6K34TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6K34TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6K34TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6K34TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6K34TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6K34TU
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K34TU
High Current Switching Applications
Power Management Switch Applications
• 4.5Vdrive
• Low on resistance:
:Ron = 77 mΩ (max) (@VGS = 4.5 V)
:Ron = 50 mΩ (max) (@VGS = 10 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
3
Drain current
Pulse
IDP
6
A
Drain power dissipation
PD
(Note 1)
500
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note 1: Mounted on FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 645 mm
2
)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
V (BR) DSS
ID = 10 mA, VGS = 0
30
Drain-Source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0
10
μA
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
±10
μA
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
Forward transfer admittance
⏐Yfs
VDS = 10 V, ID = 2 A
(Note2)
3.4
6.8
S
ID = 2 A, VGS = 4.5 V
(Note2)
58
77
Drain-Source ON resistance
RDS (ON)
ID = 2 A, VGS = 10 V
(Note2)
38
50
m
Ω
Input capacitance
Ciss
470
Reverse transfer capacitance
Crss
60
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
80
pF
Total gate charge
Qg
10
Gate−source charge
Qgs
7.6
Gate−drain charge
Qgd
VDS = 24 V, IDS= 3.0 A
VGS = 10 V
2.4
nC
Turn-on time
ton
8.3
Switching time
Turn-off time
toff
VDD = 15 V, ID = 2 A,
VGS = 0~10 V, RG = 4.7 Ω
22
ns
Drain-Source forward voltage
VDSF
ID = -3A, VGS = 0V
(Note2)
−0.8
−1.2
V
Note2: Pulse test
Unit: mm
1,2,5,6 : Drain
3
: Gate
4
: Source
JEDEC
JEITA
TOSHIBA
2-2T1D
Weight: 7.0 mg (typ.)


Similar Part No. - SSM6K34TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K34TU TOSHIBA-SSM6K34TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6K34TU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com