Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6K18TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6K18TU
Description  High Current Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K18TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6K18TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6K18TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6K18TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6K18TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6K18TU Datasheet HTML 5Page - Toshiba Semiconductor SSM6K18TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM6K18TU
2007-11-01
3
Drain-Source voltage VDS (V)
ID – VDS
0
7
6
4
1
0
0.5
1
1.5
2
Common Source
Ta
= 25°C
1.5V
1.8V
VGS=1.2V
2.5V
2
3
5
8
4V
ID – VGS
Gate-Source voltage VGS (V)
10000
0.01
0
100
1000
1
10
0.1
2.5
0.5
1.5
−25°C
Common Source
VDS = 3 V
Ta
= 100°C
25°C
1
2
Drain current ID (A)
RDS (ON) – ID
100
0
0
20
2
4
6
8
40
60
80
Common Source
Ta
= 25°C
4V
2.5V
0
0
2
4
6
10
12
8
50
100
150
200
ID = 2 A
Common Source
Ta
= 100°C
25°C
−25°C
Gate-Source voltage VGS (V)
RDS (ON) – VGS
RDS (ON) – Ta
Common Source
ID = 2A
100
0
−50
VGS = 4 V
2.5 V
0
50
150
20
40
60
80
100
Ambient temperature Ta (°C)
1.2
0
−25
0
25
150
0.2
0.4
0.6
0.8
1.0
50
75
100
125
Common Source
VDS = 3V
ID = 0.1 mA
Vth – Ta
Ambient temperature Ta (°C)


Similar Part No. - SSM6K18TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K18TU TOSHIBA-SSM6K18TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6K18TU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com