Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6E01TU Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # SSM6E01TU
Description  Load Switch Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6E01TU Datasheet(HTML) 7 Page - Toshiba Semiconductor

  SSM6E01TU_07 Datasheet HTML 1Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 2Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 3Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 4Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 5Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 6Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 7Page - Toshiba Semiconductor SSM6E01TU_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSM6E01TU
2007-11-01
7
Q2 (Nch MOSFET)
Drain current ID (mA)
RDS (ON) – ID
Drain current ID (mA)
t – ID
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common source
VDD = 3 V
VGS = 0~2.5 V
Ta
= 25°C
10000
30
0.1
toff
tf
tr
ton
50
100
300
500
0.3
1
3
10
100
1000
3000
5000
30
Common source
Ta
= 25°C
0
0
VGS = 4 V
10
2.5
20
40
60
80
100
2
4
6
8
Common source
ID = 10 mA
0
−25
10
125
100
75
50
25
0
2
4
6
150
8
VGS = 4 V
2.5


Similar Part No. - SSM6E01TU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU Datasheet
179Kb / 9P
   Load Switch Applications
SSM6E01TU TOSHIBA-SSM6E01TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6E01TU_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6153 SANYO-CPH6153 Datasheet
248Kb / 4P
   Load Switch Applications
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU Datasheet
179Kb / 9P
   Load Switch Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
MCH6124 SANYO-MCH6124 Datasheet
246Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Load Switch Applications
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
   Load Switch
logo
Guangdong Kexin Industr...
KTS1012 KEXIN-KTS1012 Datasheet
48Kb / 2P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3K15AFS TOSHIBA-SSM3K15AFS Datasheet
212Kb / 5P
   Load Switching Applications
logo
Sanyo Semicon Device
2SJ520 SANYO-2SJ520 Datasheet
44Kb / 4P
   Load Switching Applications
FTD2011 SANYO-FTD2011 Datasheet
69Kb / 4P
   Load Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com