Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT250DBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT250DBT
Description  LVDS 4x4 CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT250DBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDT250DBT Datasheet HTML 3Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 4Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 5Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 6Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 7Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 8Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 9Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 10Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Y
Z
A
B
VID
VOD
VIB
VIA
VOZ
VOY
IIB
IIA
VIA+VIB
VIC
2
VOY+VOZ
2
VOC
VOD
100
3.75 k
3.75 k
_
+
0 V
≤ V(test) ≤ 2.4 V
Y
Z
VOC
49.9
Ω ±1%
Y
1 pF
VOC(PP)
VOC(SS)
VOC
≈1.4 V
B
A
≈1 V
49.9
Ω ±1%
Z
A
VID
B
1.4 V
1 V
tPLH
0.4 V
0 V
VIA
VIB
VID
80%
tPHL
20%
tf
tr
VOY - VOZ
0 V
Differential
Y
Z
A
B
VID
1 pF
VIB
VIA
VOY
-0.4 V
VOZ
100
VOD
SN65LVDS250
SN65LVDT250
SLLS594B – MARCH 2004 – REVISED OCTOBER 2004
Figure 1. Voltage and Current Definitions
Figure 2. Differential Output Voltage (VOD) Test Circuit
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
±10 ns; R
L = 100Ω ; CL includes instrumentation and fixture capacitance within
0,06 mm of the DUT; the measurement of VOC(PP) is made on test equipment with a -3 dB bandwidth of at least 300
MHz.
Figure 3. Test Circuit and Definitions fot the Driver Common-Mode Output Voltage
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 0.25 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns . C
L includes instrumentation and fixture capacitance within 0,06 mm of
the DUT.
Figure 4. Timing Test Circuit and Waveforms
7


Similar Part No. - SN65LVDT250DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT250DBT TI-SN65LVDT250DBT Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT250DBTR TI-SN65LVDT250DBTR Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT250DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com