Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS25NH3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS25NH3LL
Description  N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS25NH3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STS25NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STS25NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STS25NH3LL
4/11
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 15 V, ID = 12.5 A,
RG= 4.7 Ω, VGS = 10 V
Figure 13
18
50
75
8
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
25
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
100
A
VSD
(2)
2.
Pulsed: pulse duration=300 µs, duty cycle 1.5%
Forward on voltage
ISD = 25 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 25 A,
di/dt = 100 A/µs,
VDD = 25 V, TJ = 150 °C
Figure 18
32
34
2.1
ns
nC
A


Similar Part No. - STS25NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
   N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET??III MOSFET FOR DC-DC CONVERSION
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
More results

Similar Description - STS25NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
   N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET??III MOSFET FOR DC-DC CONVERSION
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
   N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
   N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
STS17NH3LL STMICROELECTRONICS-STS17NH3LL Datasheet
247Kb / 9P
   N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
STS17NF3LL STMICROELECTRONICS-STS17NF3LL_06 Datasheet
321Kb / 12P
   N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com