Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSM5H07TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. SSM5H07TU
Description  Silicon Epitaxial Schottky Barrier Diode DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

SSM5H07TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SSM5H07TU
2007-11-01
1
Silicon N Channel MOS Type (π-MOSⅣ)/Silicon Epitaxial Schottky Barrier Diode
SSM5H07TU
DC-DC Converter
• Nch MOSFET and schottky diode combined in one package
• Low RDS (ON) and low VF
Absolute Maximum Ratings (Ta = 25°C) MOSFET
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
20
V
Gate-Source voltage
VGSS
±12
V
DC
ID
1.2
Drain current
Pulse
IDP (Note 2)
2.4
A
PD (Note 1)
0.5
Drain power dissipation
t
= 10s
0.8
W
Channel temperature
Tch
150
°C
Absolute Maximum Ratings (Ta = 25°C) SCHOTTKY
DIODE
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
15
V
Reverse voltage
VR
12
V
Average forward current
IO
0.5
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
2 (50 Hz)
A
Junction temperature
Tj
125
°C
Absolute Maximum Ratings (Ta = 25°C) MOSFET, DIODE COMMON
Characteristics
Symbol
Rating
Unit
Storage temperature
Tstg
−55~125
°C
Operating temperature
Topr
(Note 3)
−40~85
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu pad: 645 mm2)
Note 2: Pulse width limited by max channel temperature
Note 3: Operating temperature limited by max channel temperature and max junction temperature
Unit: mm
UFV
JEDEC
JEITA
TOSHIBA
2-2R1A
Weight: 7 mg (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn