Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSM5H07TU Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. SSM5H07TU
Description  Silicon Epitaxial Schottky Barrier Diode DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

SSM5H07TU Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SSM5H07TU
2007-11-01
6
Drain Current ID (mA)
|Yfs| – ID
Common Source
VDS = 5 V
Ta
= 25°C
1
10000
1
10
100
1000
10
100
1000
3000
300
3
30
Drain-Source Voltage VDS (V)
C – VDS
1
0.1
1
10
100
10
100
500
300
30
50
3
5
Common Source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Ciss
Coss
Crss
Drain Current ID (mA)
t – ID
1
10
100
100
1000
1000
10000
Common Source
VDD = 10 V
VGS = 0∼-4 V
Ta
= 25°C
RG = 4.7 Ω
toff
tf
10
ton
tr
Total Gate Charge Qg (nC)
Dynamic Input characteristic
0
0
3
4
0.5
1
1.5
7
10
1
5
2
8
9
Common Source
ID = 1.2 A
Ta
= 25°C
6
VDD = 16 V
2
2.5
Drain-Source Voltage VDS (V)
IDR – VDS
0
0.5
1.5
0
-1.2
-0.6
-0.2
-0.8
-0.4
-1
2
Common Source
VGS = 0
Ta
= 25°C
G
D
S
IDR
1
2.5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn