Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS250ADW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS250ADW
Description  1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS250ADW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS250ADW Datasheet HTML 1Page - Texas Instruments SN74AS250ADW Datasheet HTML 2Page - Texas Instruments SN74AS250ADW Datasheet HTML 3Page - Texas Instruments SN74AS250ADW Datasheet HTML 4Page - Texas Instruments SN74AS250ADW Datasheet HTML 5Page - Texas Instruments SN74AS250ADW Datasheet HTML 6Page - Texas Instruments SN74AS250ADW Datasheet HTML 7Page - Texas Instruments SN74AS250ADW Datasheet HTML 8Page - Texas Instruments SN74AS250ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54AS250A, SN74AS250A
1-OF-16 DATA GENERATORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS137A – DECEMBER 1983 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4-Line to 1-Line Multiplexers That Can
Select 1-of-16 Data Inputs
Applications:
Boolean Function Generator
Parallel-to-Serial Converter
Data Source Selector
Buffered 3-State Bus Driver Inputs Permit
Multiplexing From n Lines to One Line
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
The
′AS250A devices provide full binary decoding
to select 1-of-16 data inputs or use sources as an
input with an inverting W output. The selected
sources
are
buffered
with
symmetrical
propagation delay times. This reduces the
possibility of transients occurring at the output.
A buffered output-enable (OE) input can be used
for n-line to 1-line cascading. Taking OE high
places the output in the high-impedance state. In
the high-impedance state, the output neither loads
nor drives the bus lines significantly.
OE does not affect the internal operations of the
data selector/multiplexer. New data can be set up
while the outputs are disabled.
The SN54AS250A is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74AS250A is characterized for
operation from 0
°C to 70°C.
SN54AS250A ...JT PACKAGE
SN74AS250A . . . DW OR NT PACKAGE
(TOP VIEW)
SN54AS250A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
E7
E6
E5
E4
E3
E2
E1
E0
OE
W
D
GND
VCC
E8
E9
E10
E11
E12
E13
E14
E15
A
B
C
32 1
13 14
5
6
7
8
9
10
11
E10
E11
E12
NC
E13
E14
E15
E4
E3
E2
NC
E1
E0
OE
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS250ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS250ADW TI-SN74AS250ADW Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS250ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS250A TI-SN54AS250A Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI1-SN54AS250A_14 Datasheet
232Kb / 11P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS250A TI1-SN74AS250A_V01 Datasheet
250Kb / 10P
[Old version datasheet]   1-OF-16 DATA GENERATIORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
2022
SN74ALS251DR TI-SN74ALS251DR Datasheet
840Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC251 RENESAS-HD74HC251 Datasheet
107Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F251B TI1-SN54F251B_08 Datasheet
114Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com