Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS250A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS250A
Description  1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS250A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54AS250A Datasheet HTML 5Page - Texas Instruments SN54AS250A Datasheet HTML 6Page - Texas Instruments SN54AS250A Datasheet HTML 7Page - Texas Instruments SN54AS250A Datasheet HTML 8Page - Texas Instruments SN54AS250A Datasheet HTML 9Page - Texas Instruments SN54AS250A Datasheet HTML 10Page - Texas Instruments SN54AS250A Datasheet HTML 11Page - Texas Instruments SN54AS250A Datasheet HTML 12Page - Texas Instruments SN54AS250A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MPDI004 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
NT (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
4040050 / B 04/95
24 PINS SHOWN
1.425
(36,20)
1.385
0.295
(7,49)
(8,00)
0.315
(35,18)
28
PINS **
A MIN
A MAX
B MAX
B MIN
13
0.250 (6,35)
0.280 (7,11)
12
0.200 (5,08) MAX
DIM
24
1.230
(31,24)
(32,04)
1.260
0.310
(7,87)
(7,37)
0.290
B
0.125 (3,18) MIN
Seating Plane
0.010 (0,25) NOM
A
0.070 (1,78) MAX
24
1
0.015 (0,38)
0.021 (0,53)
0.020 (0,51) MIN
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.


Similar Part No. - SN54AS250A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS250A TI-SN54AS250A Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI1-SN54AS250A Datasheet
232Kb / 11P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250AFK TI-SN54AS250AFK Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250AJT TI-SN54AS250AJT Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI1-SN54AS250A_14 Datasheet
232Kb / 11P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AS250A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS250A TI-SN54AS250A Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI1-SN54AS250A_14 Datasheet
232Kb / 11P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS250A TI1-SN74AS250A_V01 Datasheet
250Kb / 10P
[Old version datasheet]   1-OF-16 DATA GENERATIORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
2022
SN74ALS251DR TI-SN74ALS251DR Datasheet
840Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC251 RENESAS-HD74HC251 Datasheet
107Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F251B TI1-SN54F251B_08 Datasheet
114Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com