Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ75Y48N-TI1 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEQ75Y48N-TI1
Description  Industry StandardBrick: 36V-75V Input / 1.8V @ 75A Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ75Y48N-TI1 Datasheet(HTML) 1 Page - Astec America, Inc

  AEQ75Y48N-TI1 Datasheet HTML 1Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 2Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 3Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 4Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 5Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 6Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 7Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 8Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technical Reference Notes
AEQ75Y48 Series
(Single Output Quarter Brick)
MODEL: AEQ75Y48 SERIES
SHEET 1 OF 12
JULY 21, 2005 - REVISION 01
AEQ75Y48 Single Output: Baseplate DC-DC Converter Module
Industry Standard ¼ Brick: 36V-75V Input / 1.8V @ 75A Output Current
The AEQ75Y48 series is the latest addition to Astec’s quarter brick size offerings. At 1.8V, it delivers 75A maximum output
current at 89% Efficiency. It provides tight regulation and exhibits clean and monotonic output start up characteristics. The
new modules come with industry standard features such as Input UVLO, OCP, OVP, OTP, Output Trim, differential output
Sense pins. It also comes standard with 2 pairs of output power pins (add suffix “-3” for single pair output pin option) and
offers baseplate construction for optimum user flexibility.
Special Features
Industry Standard ¼ Brick Footprint
Redundant output power pins (with single
pair option)
Positive and Negative Enable Options
Regulation to Zero Load
High Capacitive Load Start-up
Output Trim
Input Under-Voltage Lockout
Low profile
Environmental Specifications
-40ºC to 105ºC Operating Temperature
-55ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
1.8V @ 89% (Typ)
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
1.8V @ 75A max
Line/Load Regulation < 1% VO
Ripple and Noise
100mVPK-PK max
Output Voltage
Adjust Range
±10% VO
Transient Response
< 100mV deviation (Typ)
50% to 75% Load Change
100
µsec settling time (Typ)
Remote Sense
+10%VO
Over Current
Protection
120% IO,MAX
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS


Similar Part No. - AEQ75Y48N-TI1

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ75Y48N-3 ASTEC-AEQ75Y48N-3 Datasheet
275Kb / 2P
   75 Amps
AEQ75Y48N-6 ASTEC-AEQ75Y48N-6 Datasheet
275Kb / 2P
   75 Amps
AEQ75Y48N-63 ASTEC-AEQ75Y48N-63 Datasheet
275Kb / 2P
   75 Amps
More results

Similar Description - AEQ75Y48N-TI1

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com