Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM5H05TU Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # SSM5H05TU
Description  DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H05TU Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button SSM5H05TU Datasheet HTML 2Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 3Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 4Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 5Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 6Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 7Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 8Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 9Page - Toshiba Semiconductor SSM5H05TU Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SSM5H05TU
2007-11-01
7
S a fe o p era tin g area (MO S FET )
0.001
0.01
0.1
1
10
0.1
1
10
100
Drain-Source voltage VDS (V)
DC operation
Ta=25℃
IDmax
(Continuous)
IDmax (Pulsed) *
1ms
10ms
100ms
Mounted on FR4 board
(25.4 mm ・ 25.4 mm ・ 1.6 t
Cu pad: 645 mm2 )
*:Single nonrepetive Pulse
Ta ・ 25°C
Curves must be derated linealy
with increase in temperture.
P D - Ta (MO SFET)
0
100
200
300
400
500
600
0
20
40
60
80
100
120
140
Ambient temperature Ta (℃)
Mounted on FR4 board
(25.4mm×25.4mm×1.6t)
Cu pad:645mm2


Similar Part No. - SSM5H05TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5H05TU TOSHIBA-SSM5H05TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM5H05TU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com