Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEQ75Y48 Datasheet(PDF) 3 Page - Astec America, Inc

Part No. AEQ75Y48
Description  Industry Standard ¼ Brick: 36V-75V Input / 1.8V @ 75A Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTEC [Astec America, Inc]
Homepage  http://www.astecinc.com/
Logo 

AEQ75Y48 Datasheet(HTML) 3 Page - Astec America, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Reference Notes
AEQ75Y48 Series
(Single Output Quarter Brick)
MODEL: AEQ75Y48 SERIES
SHEET 3 OF 12
JULY 21, 2005 - REVISION 01
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
T1
VIN
36
36
48
48
75
62
VDC
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
34
32
34.8
33.5
35.5
34.5
Vdc
Maximum Input Current
1
Conditions: VIN =VIN,min
IO = IO,max; TA = 25 ºC
All
IIN,max
-
-
4.5
A
Max PDISS @ IO = 0A
(VIN = VIN,NOM) @ 25 ºC
All
-
3
4
W
Input Reflected Ripple Current
2
Conditions: PO = PO,max; TA = 25 ºC
BW: 5Hz to 20MHz
All
II1
-
10
20
mAPK-PK
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, min to VIN, max;
IO =IO,Max
All
VO,SET
1.770
1.800
1.830
Vdc
Output Regulation
Line: VIN = VIN, Min to VIN, Max
Load: IO = IO, Min to IO, Max
Temperature: Ta = -40 ºC to +85ºC
All
All
All
-
-
-
-
-
-
0.10
0.05
15
0.30
0.20
50
%Vo
%Vo
mV
Ripple and Noise
3
RMS (5Hz to 20MHz)
Peak-to-Peak: (5Hz to 20MHz)
All
-
-
-
25
30
100
mVRMS
mVp-p
Output Current
4
All
IO
0
-
75
A
External Load Capacitance
Capacitor ESR
All
-
-
4
-
-
25,000
-
µF
m
Output Current-limit Inception
5
VOUT = 90% VO,SET
All
IO
78
80
90
A
Over Voltage Protection Range
5
All
2.1
-
2.9
V
Over Temperature Range
6
AEQ (referenced to avg Baseplate temp)
AEQ
TBP
-
110
-
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn