Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ15AF48-6 Datasheet(PDF) 11 Page - Astec America, Inc

Part # AEQ15AF48-6
Description  Industry StandardBrick w/ Baseplate: 36V-75V Input; 60W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48-6 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button AEQ15AF48-6 Datasheet HTML 7Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 8Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 9Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 10Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 11Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 12Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 13Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 14Page - Astec America, Inc AEQ15AF48-6 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 11 OF 15
JUNE 16, 2003 - REVISION 01
Performance Curves
EFFICIENCY
Efficiency vs. 5V Load Current
55%
60%
65%
70%
75%
80%
85%
90%
95%
10%
25%
40%
55%
70%
85%
100%
5V Load [%I
O1,MAX]
36Vin
48Vin
75Vin
Efficiency vs. 3.3V Load Current
55%
60%
65%
70%
75%
80%
85%
90%
95%
10%
25%
40%
55%
70%
85%
100%
3.3V Load [%
IO2,MAX]
36Vin
48Vin
75Vin
STARTUP CHARACTERISTIC
Figure 7. Efficiency Curve vs. 5V Load Current (3.3V
load fixed at 1A; TBASEPLATE = 45ºC.
Figure 8. Efficiency Curve vs. 3.3V Load Current (5V
load fixed at 1A; TBASEPLATE = 45ºC.
Figure 9. Output startup characteristic at 48VIN (CH1),
3.3V at 1A load (CH2), 5V at 1A load (CH3).
Figure 10. Output startup characteristic when enable pin
is activated (CH1), 3.3V at 1A load (CH2), 5V at 1A
load (CH3).


Similar Part No. - AEQ15AF48-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15AF48-6 ASTEC-AEQ15AF48-6 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
Emerson Network Power
AEQ15AF48-6 EMERSON-NETWORKPOWER-AEQ15AF48-6 Datasheet
61Kb / 2P
   High Efficiency
More results

Similar Description - AEQ15AF48-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com