Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEQ15AF48 Datasheet(PDF) 3 Page - Astec America, Inc

Part No. AEQ15AF48
Description  Industry Standard ¼ Brick w/ Baseplate: 36V-75V Input; 60W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTEC [Astec America, Inc]
Homepage  http://www.astecinc.com/
Logo 

AEQ15AF48 Datasheet(HTML) 3 Page - Astec America, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 3 OF 15
JUNE 16, 2003 - REVISION 01
Electrical Specifications
STANDARD TEST CONDITION on a single module unless otherwise specified.
Ta
25
°C (Ambient Air)
+VIN
PIN 1
48Vdc
Enable
PIN 2
Dependent on model series
-VIN
PIN 3
Input return
+VOUT 2
PIN 4
Load 2
O/P Return
PIN 5
Secondary Return
Trim
PIN 6
Open
+Vout 1
PIN 7
Load 1
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the converter is not implied at these or any other conditions in excess of those given in the operational
section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect device
reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
All
VIN
VI N, trans
0
0
-
-
75
100
Vdc
Vdc
Isolation Voltage
Input to Output
Input to Case
Output to Case
All
-
-
-
-
-
-
1500
500
500
Vdc
Vdc
Vdc
Operating baseplate temperature
All
TA
-40
-
+100
ºC
Storage Temperature
All
TSTG
-55
-
+125
ºC
Operating Humidity
All
-
-
-
85
%
Max Output Power
All
PO
-
-
60
W
Note:
1. An input line fuse is recommended (Littelfuse type 312003, rated 3A, 250V or equivalent).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn